Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6717MSGWB6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM6717MSGWB6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6717MSGWB6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM6717MSGWB6F Datasheet HTML 13Page - STMicroelectronics STM6717MSGWB6F Datasheet HTML 14Page - STMicroelectronics STM6717MSGWB6F Datasheet HTML 15Page - STMicroelectronics STM6717MSGWB6F Datasheet HTML 16Page - STMicroelectronics STM6717MSGWB6F Datasheet HTML 17Page - STMicroelectronics STM6717MSGWB6F Datasheet HTML 18Page - STMicroelectronics STM6717MSGWB6F Datasheet HTML 19Page - STMicroelectronics STM6717MSGWB6F Datasheet HTML 20Page - STMicroelectronics STM6717MSGWB6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
Maximum rating
17/29
4
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Note:
Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to
exceed 180°C for between 90 to 150 seconds).
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC Off)
–55 to 150
°C
TSLD
(1)
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
–0.3 to VCC1 + 0.3
V
–0.3 to VCC2 + 0.3
V
VCC1, VCC2
Supply voltage
–0.3 to 7.0
V
IIO
Input or output current (all pins)
20
mA
PD
Power dissipation
SOT23-5
654
mW
SOT23-6
675
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com