Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6718MSGWB6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM6718MSGWB6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6718MSGWB6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM6718MSGWB6F Datasheet HTML 15Page - STMicroelectronics STM6718MSGWB6F Datasheet HTML 16Page - STMicroelectronics STM6718MSGWB6F Datasheet HTML 17Page - STMicroelectronics STM6718MSGWB6F Datasheet HTML 18Page - STMicroelectronics STM6718MSGWB6F Datasheet HTML 19Page - STMicroelectronics STM6718MSGWB6F Datasheet HTML 20Page - STMicroelectronics STM6718MSGWB6F Datasheet HTML 21Page - STMicroelectronics STM6718MSGWB6F Datasheet HTML 22Page - STMicroelectronics STM6718MSGWB6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
DC and AC parameters
19/29
Table 6.
DC and AC characteristics
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
VCC
Operating voltage
0.8
5.5
V
ICC1
VCC1 supply current
VCC1 < 5.5V, all I/O pins open
12
35
µA
VCC1 < 3.6V, all I/O pins open
8
23
µA
ICC2
VCC2 supply current
VCC2 < 3.6V, all I/O pins open
3
9
µA
VCC2 < 2.75V, all I/O pins open
2.5
7
µA
ILI
(2)
Input leakage current
0V = VIN = VCC
–1
+1
µA
ILO
Open drain RST output
leakage current
VCC1 > VRST1, VCC2 > VRST2;
RST not asserted
0.5
µA
VOL
Output low voltage (RST;
push-pull or open drain)
VCC1 or VCC2 ≥ 0.8V,
ISINK = 1µA, RST asserted
0.3
V
VCC1 or VCC2 ≥ 1.0V,
ISINK = 50µA, RST asserted
0.3
V
VCC1 or VCC2 ≥ 1.2V,
ISINK = 100µA, RST asserted
0.3
V
VCC1 or VCC2 ≥ 2.7V,
ISINK = 1.2mA, RST asserted
0.3
V
VCC1 or VCC2 ≥ 4.5V,
ISINK = 3.2mA, RST asserted
0.4
V
VOH
Output high voltage (RST;
push-pull only)
VCC1 ≥ 1.8V, ISOURCE = 200µA,
RST not asserted
0.8VCC1
V
VCC1 ≥ 2.7V, ISOURCE = 500µA,
RST not asserted
0.8VCC1
V
VCC1 ≥ 4.5V, ISOURCE = 800µA,
RST not asserted
0.8VCC1
V
tR
(3)
Push-pull RST rise time
(STM6718/20/78/80)
Rise time measured from 10% to
90% of VCC;
CL = 5pF, VCC = 3.3V
525
ns
Reset thresholds
VRST
(4)
VTH1
VCC1 reset threshold
L (falling)
4.500
4.625
4.750
V
M (falling)
4.250
4.375
4.500
V
T (falling)
3.000
3.075
3.150
V
S (falling)
2.850
2.925
3.000
V
R (falling)
2.550
2.625
2.700
V
Z (falling)
2.250
2.313
2.375
V
Y (falling)
2.125
2.188
2.250
V
W (falling)
1.620
1.665
1.710
V
V (falling)
1.530
1.575
1.620
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com