Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW10NK80Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW10NK80Z
Description  N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10NK80Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW10NK80Z Datasheet HTML 3Page - STMicroelectronics STW10NK80Z Datasheet HTML 4Page - STMicroelectronics STW10NK80Z Datasheet HTML 5Page - STMicroelectronics STW10NK80Z Datasheet HTML 6Page - STMicroelectronics STW10NK80Z Datasheet HTML 7Page - STMicroelectronics STW10NK80Z Datasheet HTML 8Page - STMicroelectronics STW10NK80Z Datasheet HTML 9Page - STMicroelectronics STW10NK80Z Datasheet HTML 10Page - STMicroelectronics STW10NK80Z Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STP10NK80Z - STP10NK80ZFP - STW10NK80Z
10/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.85
5.15
0.19
0.20
D
2.20
2.60
0.08
0.10
E
0.40
0.80
0.015
0.03
F
1
1.40
0.04
0.05
F1
3
0.11
F2
2
0.07
F3
2
2.40
0.07
0.09
F4
3
3.40
0.11
0.13
G
10.90
0.43
H
15.45
15.75
0.60
0.62
L
19.85
20.15
0.78
0.79
L1
3.70
4.30
0.14
0.17
L2
18.50
0.72
L3
14.20
14.80
0.56
0.58
L4
34.60
1.36
L5
5.50
0.21
M
2
3
0.07
0.11
V
5º
5º
V2
60º
60º
Dia
3.55
3.65
0.14
0.143
TO-247 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com