Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2-4BX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA14V2-4BX
Description  Quad bidirectional Transi array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BX Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA14V2-4BX Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 7Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 4
1/8
8
ESDA14V2-4BF2
Quad bidirectional Transil™ array for ESD protection
Features
■ 4 Bidirectional Transil functions
■ ESD Protection: IEC 61000-4-2 level 4
■ Stand off voltage: 12 V Min.
■ Low leakage current < 1 µA
■ 50 W Peak pulse power (8/20 µs)
Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards
Complies with the following standards
■ IEC 61000-4-2
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883F- Method 3015-7: class3
– 25 kV (human body model)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
■ Computers
■ Printers
■ Communication systems and cellular phones
■ Video equipment
Description
The ESDA14V2-4BF2 is a monolithic array
designed to protect up to 4 lines (bidirectional)
against ESD transients.
This device is particularly adapted to the
protection of symmetrical signals.
The device is ideal for situations where board
space saving is requested.
Figure 1.
Device configuration
Figure 2.
Pin configuration (bump side)
TM: Transil is a trademark of STMicroelectronics.
Flip Chip
(5 bumps)
GND
A1
A3
C1
C3
A
B
C
31
2
www.st.com


Similar Part No. - ESDA14V2-4BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2-4BX STMICROELECTRONICS-ESDA14V2-4BX Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
More results

Similar Description - ESDA14V2-4BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2-4BF1 STMICROELECTRONICS-ESDA14V2-4BF1 Datasheet
151Kb / 9P
QUAD BIDIRECTIONAL TRANSIL-TM ARRAY FOR ESD PROTECTION
27-May-2004
logo
ON Semiconductor
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1_05 Datasheet
54Kb / 4P
Quad Array for ESD Protection
June, 2005 ??Rev. 1
SMF05T1 ONSEMI-SMF05T1 Datasheet
127Kb / 4P
Quad Array for ESD Protection
January, 2006 -- Rev. 3
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2_06 Datasheet
52Kb / 4P
Quad Array for ESD Protection
February, 2006 ??Rev. 4
logo
STMicroelectronics
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDA14V2-2BF3 STMICROELECTRONICS-ESDA14V2-2BF3 Datasheet
170Kb / 9P
Quad bidirectional Transi array for ESD protection
29-Apr-2008
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
logo
Leshan Radio Company
LESD6A6V8W6T1G LRC-LESD6A6V8W6T1G Datasheet
354Kb / 5P
Quad Array for ESD Protection
logo
Pan Jit International I...
PJESDA5V6-5G PANJIT-PJESDA5V6-5G Datasheet
175Kb / 3P
QUAD ARRAY FOR ESD PROTECTION
logo
ON Semiconductor
MSQA6V1W5T2G ONSEMI-MSQA6V1W5T2G Datasheet
172Kb / 6P
Quad Array for ESD Protection
February, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com