Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA18-1F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA18-1F2
Description  Transil, transient voltage suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1F2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA18-1F2 Datasheet HTML 1Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 2Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 3Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 4Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 5Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 6Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 7Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
ESDA18-1F2
2/8
1
Characteristics
Table 1.
Absolute ratings (limiting value, per diode)
Symbol
Parameter and test conditions
Value
Unit
PPP
Peak pulse power dissipation
10 / 1000 µs pulse
Tj initial = Tamb
100
W
Peak pulse power dissipation
8 / 20 µs pulse
700
IFSM
Non repetitive surge peak forward current
tp=10 ms
Tj initial = Tamb
8A
Tj
Maximum operating junction temperature
125
°C
Tstg
Storage temperature range
- 65 to + 175
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
C
Capacitance
Order
number
VBR
IR
IRM
VRM
VCL
IPP
(1)
1.
8 / 20 µs pulse waveform.
VF
(2)
2.
A DC current is not recommended for more than 5 sec. Even if Transil failure mode is short circuit the
bumps could exceed melting temperature and the component disassembled from the board.
αTC
min.
max.
max.
max.
max.
max.
typ.
IF = 850 mA
VR=0 V
VV
mA
µA
V
V
A
V
10-4/°C
pF
ESDA18-1F2
16
18
1
0.5
10
20
1
1.3
8.5
230
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com