Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVIULC6-2P6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DVIULC6-2P6
Description  Ultra low capacitance ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-2P6 Datasheet(HTML) 1 Page - STMicroelectronics

  DVIULC6-2P6 Datasheet HTML 1Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 2Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 3Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 4Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 5Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 6Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 7Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 8Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2008
Rev 1
1/17
DVIULC6-2x6
Ultra low capacitance ESD protection
Features
■ 2-line ESD protection (at 15 kV air and contact
discharge, exceeds IEC 61000-4-2)
■ Protects VBUS when applicable
■ Ultra low capacitance: 0.6 pF at F = 825 MHz
■ Fast response time compared with varistors
■ Low leakage current: 0.5 µA max
■ RoHS compliant
Benefits
■ ESD standards compliance guaranteed at
device level, hence greater immunity at system
level
■ ESD protection of VBUS when applicable.
■ Large bandwidth to minimize impact on data
signal quality
■ Consistent D+ / D- signal balance:
– Ultra low impact on intra- and inter-pair
skew
– Matching high bit rate DVI, and IEEE 1394
requirements
■ Low PCB space consumption - 1.45 mm2
for µQFN
■ Low leakage current for longer operation of
battery powered devices
■ Higher reliability offered by monolithic
integration
■ 500 µm pitch for µQFN 6 leads
Complies with these standards
■ IEC 61000-4-2 level 4
– 15 kV air discharge
– 8 kV contact discharge
■ MIL STD883G-Method 3015-7
Applications
■ DVI ports up to 1.65 Gb/s
■ IEEE 1394a, b, and c up to 3.2 Gb/s
■ USB2.0 ports up to 480 Mb/s (high speed),
backwards compatible with USB1.1 low and full
speed
■ Ethernet port: 10/100/1000 Mb/s
■ SIM card protection
■ Video line protection
Description
The DVIULC6-2x6 is a monolithic, application
specific discrete device dedicated to ESD
protection of high speed interfaces, such as DVI,
IEEE 1394a, b and c, USB2.0, Ethernet links and
video lines.
Its ultra low line capacitance secures a high level
of signal integrity without compromising in
protecting sensitive chips against the most
stringently characterized ESD strikes.
µQFN (pin view)
DVIULC6-2M6
SOT-666
DVIULC6-2P6
www.st.com


Similar Part No. - DVIULC6-2P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-2P6 STMICROELECTRONICS-DVIULC6-2P6 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
More results

Similar Description - DVIULC6-2P6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com