Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIB7N50LPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFIB7N50LPBF
Description  SMPS MOSFET, HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB7N50LPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFIB7N50LPBF Datasheet HTML 1Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 2Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 3Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 4Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 5Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 6Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 7Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 8Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFIB7N50LPbF
www.irf.com
5
Fig 10. Maximum Drain Current vs.
Case Temperature
Fig 11a. Switching Time Test Circuit
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-V
DD
Fig 11b. Switching Time Waveforms
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 9. Maximum Safe Operating Area
25
50
75
100
125
150
TC , Case Temperature (°C)
0
1
2
3
4
5
6
7
1
10
100
1000
10000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R
DS
(on)
100µsec
Tc = 25°C
Tj = 150°C
Single Pulse
DC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com