Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP11NM60FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NM60FP
Description  N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM60FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NM60FP Datasheet HTML 1Page - STMicroelectronics STP11NM60FP Datasheet HTML 2Page - STMicroelectronics STP11NM60FP Datasheet HTML 3Page - STMicroelectronics STP11NM60FP Datasheet HTML 4Page - STMicroelectronics STP11NM60FP Datasheet HTML 5Page - STMicroelectronics STP11NM60FP Datasheet HTML 6Page - STMicroelectronics STP11NM60FP Datasheet HTML 7Page - STMicroelectronics STP11NM60FP Datasheet HTML 8Page - STMicroelectronics STP11NM60FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
May 2003
STP11NM60 - STP11NM60FP
STB11NM60 - STB11NM60-1
N-CHANNEL 600V - 0.4
Ω-11A TO-220/TO-220FP/D2PAK/I2PAK
MDmesh™Power MOSFET
(*)Limited only by maximum temperature allowed
(1)ISD<11A, di/dt<400A/µs, VDD<V(BR)DSS,TJ<TJMAX
TYPICAL RDS(on) = 0.4Ω
HIGH dv/dt AND AVALANCHE CAPABILITIES
100% AVALANCHE TESTED
LOW INPUT CAPACITANCE AND GATE
CHARGE
LOW GATE INPUT RESISTANCE
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar competition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increasing
power density of high voltage converters allowing
system miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP11NM60
STP11NM60FP
STB11NM60
STB11NM60-1
600 V
600 V
600 V
600 V
< 0.45
Ω
< 0.45
Ω
< 0.45
Ω
< 0.45
Ω
11 A
11 A
11 A
11 A
Symbol
Parameter
Value
Unit
STP(B)11NM60(-1)
STP11NM60FP
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
11
11 (*)
A
ID
Drain Current (continuous) at TC = 100°C
7
7 (*)
A
IDM ( )
Drain Current (pulsed)
44
44 (*)
A
PTOT
Total Dissipation at TC = 25°C
160
35
W
Derating Factor
1.28
0.28
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
15
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2500
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220
1
2
3
1
2
3
I2PAK
1
2
3
TO-220FP
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP11NM60FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60FP STMICROELECTRONICS-STP11NM60FP Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
logo
Inchange Semiconductor ...
STP11NM60FP ISC-STP11NM60FP Datasheet
309Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STP11NM60FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60A STMICROELECTRONICS-STP11NM60A Datasheet
367Kb / 11P
N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh™ Power MOSFET
Mar-2002
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
582Kb / 14P
N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
20-Oct-2005
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
495Kb / 17P
N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
26-Jul-2006
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH™IGBT
26-Apr-2007
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
23-May-2007
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
N-channel 500 V - 0.21 Ω - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
04-Mar-2008
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
N-channel 500 V - 0.250 Ω - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
04-Mar-2008
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
23-Sep-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com