Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC01F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-MIC01F2
Description  2-line IPAD, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC01F2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-MIC01F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF02-MIC01F2
Electrical characteristics
3/7
Figure 3.
Filter response
Figure 4.
Analog crosstalk
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100 k
1.0 M
10.0 M
100 M
1.0 G
10.0 G
dB
T
j = 25° C
Line B4/B1
Line C4/C1
F (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100 k
1.0 M
10 M
100 M
1.0 G
10 G
F (Hz)
T = 25° C
j
C1/B4
dB
Figure 5.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on
output (VOUT)
Figure 6.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on
output (VOUT)
10 V/div
20 ns/div
20 ns/div
10 V/div



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com