Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25SC6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA25SC6
Description  Quad Transil array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25SC6 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA25SC6 Datasheet HTML 1Page - STMicroelectronics ESDA25SC6 Datasheet HTML 2Page - STMicroelectronics ESDA25SC6 Datasheet HTML 3Page - STMicroelectronics ESDA25SC6 Datasheet HTML 4Page - STMicroelectronics ESDA25SC6 Datasheet HTML 5Page - STMicroelectronics ESDA25SC6 Datasheet HTML 6Page - STMicroelectronics ESDA25SC6 Datasheet HTML 7Page - STMicroelectronics ESDA25SC6 Datasheet HTML 8Page - STMicroelectronics ESDA25SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ESDAxxSCx
Characteristics
3/11
Table 3.
Electrical characteristics - values (Tamb = 25 °C)
Order codes
VBR @ IR
IRM @ VRM
Rd
αTC
VF@ IF
min.
max.
max.
typ.(1)
max.(2)
typ.
0 V bias
max.
VV
mA
µA
V
m
Ω
10-4/C
pF
V
mA
ESDA5V3SC5
ESDA5V3SC6
5.3
5.9
1
2
3
230
5
280
1.25
200
ESDA6V1SC5
ESDA6V1SC6
6.1
7.2
1
20
5.25
350
6
190
1.25
200
ESDA14V2SC5
ESDA14V2SC6
14.2
15.8
1
5
12
650
10
100
1.25
200
ESDA17SC6
ESDA19SC6
17
19
19
21
1
1
0.075
0.1
14
15
700
800
10
8.5
85
80
1.2
1.2
10
10
ESDA25SC6
25
30
1
1
24
1000
10
60
1.2
10
1.
Square pulse, Ipp = 15 A, tp=2.5 µs.
2.
Δ VBR = αT* (Tamb -25 °C) * VBR (25 °C)
Figure 3.
Peak power dissipation versus
initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
P
[T initial] /
[T initial=25°C]
PP
j
j
PPP
T initial (°C)
j
1
10
100
100
1000
5000
ESDA14V2SC5/SC6
ESDA17SC6
ESDA19SC6
ESDA25SC6
ESDA5V3SC5/SC6
&
ESDA6V1SC5/SC6
t (µs)
p
P
(W)
PP
Figure 5.
Clamping voltage versus peak
pulse current (Tj initial = 25 °C).
Rectangular waveform tp = 2.5 µs
Figure 6.
Capacitance versus reverse applied
voltage (typical values)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
0.1
1.0
10.0
50.0
tp=2.5µs
ESDA5V3SC5/SC6
ESDA6V1SC5/SC6
ESDA14V2SC5/SC6
ESDA25SC6
ESDA17SC6
ESDA19SC6
V
(V)
CL
I
(A)
PP
12
5
10
20
50
10
100
500
ESDA6V1SC5/SC6
ESDA14V2SC5/SC6
ESDA5V3SC5/SC6
ESDA25SC6
ESDA19SC6
ESDA17SC6
V (V)
R
C(pF)
F=1MHz
V
=30mV
OSC
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com