Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM02F2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF03-SIM02F2
Description  3-line IPAD, EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02F2 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF03-SIM02F2 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02F2 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02F2 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02F2 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02F2 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02F2 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02F2 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02F2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering information
EMIF03-SIM02F2
6/8
Figure 16.
Flip Chip tape and reel specification
Note:
More information isavailable in the application notes:
AN1235:"Flip Chip: Package description and recommendations for use"
AN1751: “EMI filters: Recommendations and measurements”
5
Ordering information
Table 3.
Ordering information
Figure 14.
Footprint
Figure 15.
Marking
Copper pad Diameter:
250 µm recommended, 300 µm max
Solder stencil opening: 330 µm
Solder mask opening recommendation:
340 µm min for 315 µm copper pad diameter
x
y
x
w
z
w
E
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 ± 0.1
4 ± 0.1
Ø 1.5 ± 0.1
0.73 ± 0.05
1.52
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF03-SIM02F2
GJ
Flip Chip
2.65 mg
5000
Tape and reel 7”



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com