Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF11NM80 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STF11NM80
Description  N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11NM80 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STF11NM80 Datasheet HTML 6Page - STMicroelectronics STF11NM80 Datasheet HTML 7Page - STMicroelectronics STF11NM80 Datasheet HTML 8Page - STMicroelectronics STF11NM80 Datasheet HTML 9Page - STMicroelectronics STF11NM80 Datasheet HTML 10Page - STMicroelectronics STF11NM80 Datasheet HTML 11Page - STMicroelectronics STF11NM80 Datasheet HTML 12Page - STMicroelectronics STF11NM80 Datasheet HTML 13Page - STMicroelectronics STF11NM80 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STP11NM80 - STF11NM80 - STB11NM80 - STW11NM80
10/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.32
4.57
0.178
0.180
A1
0.00
0.25
0.00
0.009
b
0.71
0.91
0.028
0.350
b2
1.15
1.40
0.045
0.055
c
0.46
0.61
0.018
0.024
c2
1.22
1.40
0.048
0.055
D
8.89
9.02
9.40
0.350
0.355
0.370
D1
8.01
0.315
E
10.04
10.28
0.395
0.404
e
2.54
0.010
H
13.10
13.70
0.515
0.540
L
1.30
1.70
0.051
0.067
L1
1.15
1.39
0.045
0.054
L2
1.27
1.77
0.050
0.069
L4
2.70
3.10
0.106
0.122
V2
0°
8°
0°
8°
TO-263 (D2PAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com