Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4018B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4018B
Description  PRESETTABLE DIVIDE-BY-N COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4018B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4018B Datasheet HTML 1Page - STMicroelectronics HCF4018B Datasheet HTML 2Page - STMicroelectronics HCF4018B Datasheet HTML 3Page - STMicroelectronics HCF4018B Datasheet HTML 4Page - STMicroelectronics HCF4018B Datasheet HTML 5Page - STMicroelectronics HCF4018B Datasheet HTML 6Page - STMicroelectronics HCF4018B Datasheet HTML 7Page - STMicroelectronics HCF4018B Datasheet HTML 8Page - STMicroelectronics HCF4018B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2001
s
MEDIUM SPEED OPERATION 10 MHz (Typ.)
at VDD - VSS= 10V
s
FULLY STATIC OPERATION
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4018B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4018B consist of 5 Johnson counter
stages, buffered Q outputs from each stage, and
counter preset control gating. CLOCK, RESET,
DATA, PRESET ENABLE, and 5 individual JAM
inputs are provided. Divide by 10, 8, 6, 4 or 2
counter configuration can be implemented by
feeding the Q5, Q4, Q3, Q2, Q1
signals,
respectively, back to the data input.
Divide-by-9, 7, 5, or 3 counter configurations can
be implemented by the use of a HCF4011B gate
package to properly gate the feedback connection
to the DATA input. Divide-by-functions greater
than 10 can be achieved by use of multiple
HCF4018B units. The counter is advanced one
count at the positive clock signalstransition.
Schmitt trigger action on the clock line permits
unlimited clock rise and fall times. A high RESET
signal clears the counter to an all-zero condition. A
high
PRESENT-ENABLE
signal
allows
information on the JAM inputs to preset the
counter.
Anti-lock gating is provided to assure the proper
counting sequence.
HCF4018B
PRESETTABLE DIVIDE-BY-N COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4018BEY
SOP
HCF4018BM1
HCF4018M013TR
DIP
SOP


Similar Part No. - HCF4018B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4018B STMICROELECTRONICS-HCF4018B Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
HCF4018BC1 STMICROELECTRONICS-HCF4018BC1 Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
HCF4018BEY STMICROELECTRONICS-HCF4018BEY Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
HCF4018BM1 STMICROELECTRONICS-HCF4018BM1 Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
More results

Similar Description - HCF4018B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14018B MOTOROLA-MC14018B Datasheet
211Kb / 6P
Presettable Divide-By-N Counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B Datasheet
184Kb / 8P
Presettable Divdie-By-N Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
Programmable divide-by-n counter
1998 Jul 08
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
PRESETTABLE DIVIDE-BY-N COUNTER
Jun-1989
logo
Texas Instruments
CD4018B TI-CD4018B Datasheet
245Kb / 12P
CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Intersil Corporation
CD4018BMS INTERSIL-CD4018BMS Datasheet
85Kb / 9P
CMOS Presettable Divide-By- “N” Counter
November 1994
logo
Integrated Circuit Syst...
HEF4018B ICST-HEF4018B Datasheet
162Kb / 7P
Presettable divide-by-N counter
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
PRESTTABLE DIVIDE-BY-N COUNTER
logo
Texas Instruments
CD4018B TI1-CD4018B_15 Datasheet
980Kb / 17P
CMOS Presettable Divide-by -N counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B_14 Datasheet
103Kb / 5P
Presettable Divide-By-N Counter
August, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com