Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3NB60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP3NB60
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NB60 Datasheet(HTML) 1 Page - STMicroelectronics

  STP3NB60 Datasheet HTML 1Page - STMicroelectronics STP3NB60 Datasheet HTML 2Page - STMicroelectronics STP3NB60 Datasheet HTML 3Page - STMicroelectronics STP3NB60 Datasheet HTML 4Page - STMicroelectronics STP3NB60 Datasheet HTML 5Page - STMicroelectronics STP3NB60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP12NB30
STP12NB30FP
N - CHANNEL ENHANCEMENT MODE
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.34
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process,
SGS-Thomson
has
designed
an
advanced
family
of
power
MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY(UPS)
s
DC-DC & DC-AC CONVERTERS FOR
TELECOM, INDUSTRIAL AND CONSUMER
ENVIRONMENT
INTERNAL SCHEMATIC DIAGRAM
January 1998
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
ST P12NB30
ST P12NB30FP
VDS
Drain-source Volt age (VGS =0)
300
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
300
V
VGS
Gat e-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
o C12
6.5
A
ID
Drain Current (continuous) at Tc =100
oC7.5
4
A
IDM(
•)
Drain Current (pulsed)
48
48
A
Ptot
Tot al Dissipation at Tc =25
oC125
35
W
Derating F act or
1
0. 28
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
5.5
5.5
V/ ns
VISO
Insulat ion Withstand Volt age (DC)
2000
V
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
TYPE
VDSS
RDS(on)
ID
STP3NB60
STP12NB30F P
300 V
300 V
<0.40
Ω
<0.40
Ω
12A
6.5 A
1/6


Similar Part No. - STP3NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB60 STMICROELECTRONICS-STP3NB60 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
logo
VBsemi Electronics Co.,...
STP3NB60 VBSEMI-STP3NB60 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP3NB60 ISC-STP3NB60 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP3NB60FP STMICROELECTRONICS-STP3NB60FP Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
logo
Inchange Semiconductor ...
STP3NB60FP ISC-STP3NB60FP Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP3NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
Jun-1998
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Nov-1997
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com