Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4030B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4030B
Description  QUAD EXCLUSIVE-OR GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4030B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4030B_02 Datasheet HTML 1Page - STMicroelectronics HCF4030B_02 Datasheet HTML 2Page - STMicroelectronics HCF4030B_02 Datasheet HTML 3Page - STMicroelectronics HCF4030B_02 Datasheet HTML 4Page - STMicroelectronics HCF4030B_02 Datasheet HTML 5Page - STMicroelectronics HCF4030B_02 Datasheet HTML 6Page - STMicroelectronics HCF4030B_02 Datasheet HTML 7Page - STMicroelectronics HCF4030B_02 Datasheet HTML 8Page - STMicroelectronics HCF4030B_02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
September 2002
s
MEDIUM SPEED OPERATION - tPHL = tPLH =
65ns (TYP.) at CL = 50pF and VDD-VSS = 10V
s
LOW OUTPUT IMPEDANCE : 500
Ω (TYP.) at
VDD-VSS = 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4030B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4030B types consist of four indipendent
exclusive-OR
gates
integrated
on
a
single
monolithic silicon chip. Each exclusive-OR gate
consists of four n-channel and four p-channel
enhancement-type transistors. All inputs and
outputs are protected against electrostatic effects.
HCF4030B
QUAD EXCLUSIVE-OR GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4030BEY
SOP
HCF4030BM1
HCF4030M013TR
DIP
SOP


Similar Part No. - HCF4030B_02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4030BC1 STMICROELECTRONICS-HCF4030BC1 Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
HCF4030BEY STMICROELECTRONICS-HCF4030BEY Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
HCF4030BM1 STMICROELECTRONICS-HCF4030BM1 Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
More results

Similar Description - HCF4030B_02

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com