Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4030BEY Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4030BEY
Description  QUAD EXCLUSIVE-OR GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4030BEY Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4030BEY Datasheet HTML 1Page - STMicroelectronics HCF4030BEY Datasheet HTML 2Page - STMicroelectronics HCF4030BEY Datasheet HTML 3Page - STMicroelectronics HCF4030BEY Datasheet HTML 4Page - STMicroelectronics HCF4030BEY Datasheet HTML 5Page - STMicroelectronics HCF4030BEY Datasheet HTML 6Page - STMicroelectronics HCF4030BEY Datasheet HTML 7Page - STMicroelectronics HCF4030BEY Datasheet HTML 8Page - STMicroelectronics HCF4030BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HCF4030B
2/10
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
All voltage values are referred to VSS pin voltage.
PIN No
SYMBOL
NAME AND FUNCTION
2, 1, 5, 6, 8,
9, 12, 13
A, B, C, D, E,
F, G, H
Data Inputs
3, 4, 10, 11
J, K, L, M
Data Outputs
7
VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage
IN1
IN2
OUT
LL
L
LH
H
HL
H
HH
L
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.5 to +22
V
VI
DC Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current
± 10
mA
PD
Power Dissipation per Package
200
mW
Power Dissipation per Output Transistor
100
mW
Top
Operating Temperature
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com