Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF10-LCD01F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF10-LCD01F2
Description  10 line EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD01F2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF10-LCD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
EMIF10-LCD01F2
2/8
1
Characteristics
:
Table 1.
Absolute Maximum Ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
Tj
Junction temperature
125
° C
Top
Operating temperature range
-40 to + 85
° C
Tstg
Storage temperature range
-55 to +150
° C
Table 2.
Electrical Characteristics (Tamb = 25° C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic resistance
IPP
Peak pulse current
RI/O
Series resistance between Input and Output
Cline
Input capacitance per line
I
V
IF
IRM
IR
IPP
VRM
VF
VBR
VCL
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
8
10
V
IRM
VRM = 3 V
500
nA
RI/O
90
100
110
Ω
Cline
@ 0 V bias
28
35
pF
Rt / Ft
Induced rise and fall time 10-90% at 26 MHz frequency
signal V = 1.9 V (Rt / Ft input 1 ns, 50
Ω impedance generator)
8(1)
ns
1.
guaranteed by design
Figure 3.
S21(dB) attenuation measurement
Figure 4.
Analog cross talk measurement
-50
-40
-30
-20
-10
0
0.1 M
1.0 M
10.0 M
100.0 M 1.0 G
10.0 G
dB
F(Hz)
dB
0.1 M
1.0 M
10.0 M 100.0 M
1.0 G
10.0 G
-90
-70
-50
-30
-10
10
F(Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com