Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1BC6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1BC6
Description  QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1BC6 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1BC6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESDA6V1BC6
2/6
Table 2: Absolute Maximum Ratings (Tamb = 25°C)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge
MIL STD 883C - Method 3015-6
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
25
15
8
kV
PPP
Peak pulse power (8/20µs)
80
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5mm for
case
260
°C
Top
Operating temperature range (note 1)
-40 to +125
°C
Note 1: Variation of parameters is given by curves.
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Type
VBR @
IR
IRM @ VRM
Rd
αTC
min.
max.
max.
typ.
max.
typ.
note 2
0V bias
VV
mA
µA
V
Ω
10-4/°C
pF
ESDA6V1BC6
6.1
8
1
1
5
1.35
3
20
Note 2: Square pulse, IPP = 3A, tp=2.5µs.
Figure 2: Relative variation of peak pulse
power versus initial junction temperature
Figure 3: Peak pulse power versus exponential
pulse duration
P
[T initial] / P
[T initial=25°C]
PP
j
PP
j
0
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T (°C)
j
P
(W)
PP
1
10
100
10
100
500
t (µs)
p
I
V
V
BR
CL
VRM
I PP
I RM
V
Rd



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com