Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6206 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML6206
Description  ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6206 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML6206 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6206 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6206 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6206 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6206 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6206 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6206 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6206 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6206 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
P1/13
July 2008
ML6206
ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
Application
Battery Powered Equipment
Palmtops
Portable Cameras and Video Recorders
Reference Voltage Sources
Features
CMOSLowPowerConsumption:
Typical1.0uAatVout=3.0V
OutputVoltageRange :1.5Vto5.0Vin0.1Vincrements
HighlyAccurate:
OutputVoltage+3%for1.5Vto 1.9V
OutputVoltage+2%for2.0Vto 5.0V
MaximumOutputCurrent:250mA
(withinthe maximumpower dissipation,Vout=5.0V)
SmallInput-OutputVoltageDifferential:
0.16Vat100mAand 0.4Vat 200mA
Input stability:Typ. 0.2%/V
PackageAvailable:
SOT- 23(150mW), SOT-89(500mW) &
TO-92(300mW)
ReverseBatteryProtection
Current Limit
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
6.5
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient Temperature
Topr
-40 ~ +70
oC
Storage Temperature
Tstg
-40 ~ +70
oC
General Description
The ML6206 series are highly precise, low power
consumption, high voltage, positive voltage output,
three-pin regulator. It provides high output current
even when the input/output voltage differential is
small.
The ML6206 consists of a high-precision voltage
reference, an error correction circuit, a current
limited output driver and reverse battery protection.
Block Diagram


Similar Part No. - ML6206

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
Low ESR Cap. Compatible Positive Voltage Regulator
ML6206 MINILOGIC-ML6206_09 Datasheet
984Kb / 18P
Low ESR Cap. Compatible Positive Voltage Regulator Output Voltage Range : 1.5V to 5.0V in 0.1V increments
More results

Similar Description - ML6206

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206 MINILOGIC-ML6206_09 Datasheet
984Kb / 18P
Low ESR Cap. Compatible Positive Voltage Regulator Output Voltage Range : 1.5V to 5.0V in 0.1V increments
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
Low ESR Cap. Compatible Positive Voltage Regulator
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
logo
First Silicon Co., Ltd
FC6206S FS-FC6206S Datasheet
642Kb / 14P
FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
Low power consumption, Low ESR Cap. Compatible
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com