Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4035B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4035B
Description  4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4035B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4035B Datasheet HTML 1Page - STMicroelectronics HCF4035B Datasheet HTML 2Page - STMicroelectronics HCF4035B Datasheet HTML 3Page - STMicroelectronics HCF4035B Datasheet HTML 4Page - STMicroelectronics HCF4035B Datasheet HTML 5Page - STMicroelectronics HCF4035B Datasheet HTML 6Page - STMicroelectronics HCF4035B Datasheet HTML 7Page - STMicroelectronics HCF4035B Datasheet HTML 8Page - STMicroelectronics HCF4035B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HCF4035B
2/11
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
TRUTH TABLE
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
9, 10, 11, 12
PI-1 to PI-4
Parallel Inputs
1, 15, 14, 13
Q1/Q1 to Q4/
Q4
True/Complement Out-
puts
5
RESET
Reset Input
4, 3
J, K
Serial Inputs
6
CLOCK
Clock Input
7
P/S
Parallel/Serial Control
2
T/C
True/Complement Control
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
CLOCK
tn-1 (Inputs)
tn (Outputs)
JK
R
Qn-1
Qn
LXL
L
L
HX
L
L
H
XL
L
H
L
HL
L
Qn-1
Qn-1 Toggle Mode
XH
L
H
H
XX
L
Qn-1
Qn-1
X
X
XHX
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com