Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4042B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4042B
Description  QUAD CLOCKED D LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4042B Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4042B_01 Datasheet HTML 1Page - STMicroelectronics HCF4042B_01 Datasheet HTML 2Page - STMicroelectronics HCF4042B_01 Datasheet HTML 3Page - STMicroelectronics HCF4042B_01 Datasheet HTML 4Page - STMicroelectronics HCF4042B_01 Datasheet HTML 5Page - STMicroelectronics HCF4042B_01 Datasheet HTML 6Page - STMicroelectronics HCF4042B_01 Datasheet HTML 7Page - STMicroelectronics HCF4042B_01 Datasheet HTML 8Page - STMicroelectronics HCF4042B_01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HCF4042B
5/9
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
(DATA IN to Q)
5
110
220
ns
10
55
110
15
40
80
tPLH tPHL Propagation Delay Time
(DATA IN to Q)
5
150
300
ns
10
75
150
15
50
100
tPLH tPHL Propagation Delay Time
(CLOCK to Q)
5
225
450
ns
10
100
200
15
80
160
tPLH tPHL Propagation Delay Time
(CLOCK to Q)
5
250
500
ns
10
115
230
15
90
180
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Clock Pulse Width
5
200
100
ns
10
100
50
15
60
30
tsetup
Setup Time
5
50
0
ns
10
30
0
15
25
0
thold
Hold Time
5
120
60
ns
10
60
30
15
50
25
tr , tf
Input Pulse Rise and Fall
Time
5
Not Rise or Fall
Time Sensitive
µs
10
15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com