Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB60100C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB60100C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB60100C Datasheet(HTML) 2 Page - Vishay Siliconix

  VB60100C Datasheet HTML 1Page - Vishay Siliconix VB60100C Datasheet HTML 2Page - Vishay Siliconix VB60100C Datasheet HTML 3Page - Vishay Siliconix VB60100C Datasheet HTML 4Page - Vishay Siliconix VB60100C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
V60100C & VB60100C
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88942
Revision: 16-Jan-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: 10 ms pulse width
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
100 (minimum)
-
V
Instantaneous forward voltage per diode (1)
IF = 5 A
IF = 10 A
IF = 15 A
IF = 20 A
IF = 30 A
TA = 25 °C
VF
0.45
0.52
0.58
0.63
0.73
-
-
0.63
-
0.79
IF = 5 A
IF = 10 A
IF = 15 A
IF = 20 A
IF = 30 A
TA = 125 °C
0.36
0.45
0.53
0.58
0.66
-
-
0.58
-
0.70
Reverse current at rated VRM per diode
(2)
VR = 80 V
TA = 25 °C
TA = 125 °C
IR
24
13
500
20
µA
mA
VR = 100 V
TA = 25 °C
TA = 125 °C
65
30
1000
-
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V60100C
VB60100C
UNIT
Typical thermal resistance per diode
RθJC
2.5
2.5
°C/W
ORDERING INFORMATION
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V60100C-E3/4W
1.89
4W
50/tube
Tube
TO-263AB
VB60100C-E3/4W
1.38
4W
50/tube
Tube
TO-263AB
VB60100C-E3/8W
1.38
8W
800/reel
Tape and reel
Figure 1. Forward Current Derating Curve
Case Temperature (°C)
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
Resistive or Inductive Load
70
Figure 2. Forward Power Loss Characteristics Per Diode
D = 0.1
D = 0.3
D = 0.5
D = 0.8
D = 0.2
D = 1.0
0
0
5
10
15
20
25
30
35
5
10
15
20
25
30
Average Forward Current (A)
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com