Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4042B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4042B
Description  QUAD CLOCKED D LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4042B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4042B Datasheet HTML 1Page - STMicroelectronics HCF4042B Datasheet HTML 2Page - STMicroelectronics HCF4042B Datasheet HTML 3Page - STMicroelectronics HCF4042B Datasheet HTML 4Page - STMicroelectronics HCF4042B Datasheet HTML 5Page - STMicroelectronics HCF4042B Datasheet HTML 6Page - STMicroelectronics HCF4042B Datasheet HTML 7Page - STMicroelectronics HCF4042B Datasheet HTML 8Page - STMicroelectronics HCF4042B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2001
s
CLOCK POLARITY CONTROL
s
Q AND Q OUTPUTS
s
COMMON CLOCK
s
LOW POWER TTL COMPATIBLE
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4042B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4042B types contains four latch circuit,
each strobes by a common clock. Complementary
buffered outputs are available from each circuit.
The impedance of the n and p channel output
devices is balanced and all outputs are electrically
identical.
Information present at the data input is transferred
to outputs Q and Q during the CLOCK level which
is programmed by the POLARITY input. For
POLARITY = 0 the transfer occurs during the 0
CLOCK level and for POLARITY = 1 the transfer
occurs during the 1 CLOCK level. The outputs
follow the data input providing the CLOCK and
POLARITY levels defined above are present.
When a CLOCK transition occurs (positive for
POLARITY = 0 and negative for POLARITY = 1)
the information present at the input during the
CLOCK transition is retained at the outputs until
an opposite CLOCK transition occurs.
HCF4042B
QUAD CLOCKED D LATCH
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4042BEY
SOP
HCF4042BM1
HCF4042M013TR
DIP
SOP


Similar Part No. - HCF4042B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B Datasheet
301Kb / 13P
QUAD CLOCKED D LATCH
Jun-1989
HCF4042BC1 STMICROELECTRONICS-HCF4042BC1 Datasheet
301Kb / 13P
QUAD CLOCKED D LATCH
Jun-1989
HCF4042BEY STMICROELECTRONICS-HCF4042BEY Datasheet
301Kb / 13P
QUAD CLOCKED D LATCH
Jun-1989
HCF4042BM1 STMICROELECTRONICS-HCF4042BM1 Datasheet
301Kb / 13P
QUAD CLOCKED D LATCH
Jun-1989
More results

Similar Description - HCF4042B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
QUAD CLOCKED D LATCH
Jun-1989
M54HC375 STMICROELECTRONICS-M54HC375 Datasheet
245Kb / 11P
QUAD D TYPE LATCH
Feb-1993
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
Quad D latch
logo
Intersil Corporation
CD4042BMS INTERSIL-CD4042BMS Datasheet
63Kb / 8P
CMOS Quad Clocked “D” Latch
December 1992
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
CMOS Quad Clocked ?쏡??Latch
December 1992
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
Quad Clocked D Latch
logo
Texas Instruments
CD4042B TI-CD4042B Datasheet
599Kb / 12P
CMOS Quad Clocked "D" Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
QUAD CLOCKED LATCH
logo
Motorola, Inc
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
Dual Clocked Latch
logo
Texas Instruments
CD4042B TI1-CD4042B_15 Datasheet
1Mb / 30P
CMOS Quad Clocked D Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com