Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4054B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4054B
Description  4 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER WITH STROBED LATCH FUNCTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4054B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4054B Datasheet HTML 1Page - STMicroelectronics HCF4054B Datasheet HTML 2Page - STMicroelectronics HCF4054B Datasheet HTML 3Page - STMicroelectronics HCF4054B Datasheet HTML 4Page - STMicroelectronics HCF4054B Datasheet HTML 5Page - STMicroelectronics HCF4054B Datasheet HTML 6Page - STMicroelectronics HCF4054B Datasheet HTML 7Page - STMicroelectronics HCF4054B Datasheet HTML 8Page - STMicroelectronics HCF4054B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2002
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
OPERATION OF LIQUID CRYSTALS WITH
CMOS CIRCUITS PROVIDES ULTRA LOW
POWER DISPLAYS
s
EQUIVALENT AC OUTPUT DRIVE FOR
LIQUID CRYSTAL DISPLAYS - NO
EXTERNAL CAPACITOR REQUIRED
s
VOLTAGE DOUBLING ACROSS DISPLAY
[(VDD - VEE) = 18V] RESULTS IN EFFECTIVE
36V (p-p) DRIVE ACROSS SELECTED
DISPLAY SEGMENTS
s
LOW OR HIGH OUTPUT LEVEL DC DRIVE
FOR OTHER TYPES OF DISPLAYS
s
ONE CHIP LOGIC LEVEL CONVERSION
FOR DIFFERENT INPUT AND OUTPUT
LEVEL SWINGS
s
FULL DECODING OF ALL INPUT
COMBINATIONS : "0 - 9, L, H, P, A" AND
BLANK POSITIONS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4054B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4054B provides level shifting similar to
HCF4055B
and
HCF4056B,
independently
strobed latches, and common DF control on 4
signal lines. This device is intended to provide
drive signal compatibility with HCF4055B and
HCF4056B 7-segment decoder types for the
decimal point, colon, polarity, and similar display
lines. A level-shifted high amplitude DF output can
be obtained from any HCF4054B output line by
connecting the corresponding input and strobe
lines to a low and high levels. HCF4054B may
also be utilized for logic level "up conversion" or
"down conversion" respectively. For example,
input signal swings (VDD to VSS) from +5V to 0V
HCF4054B
4 SEGMENT LIQUID CRYSTAL DISPLAY
DRIVER WITH STROBED LATCH FUNCTION
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4054BEY
SOP
HCF4054BM1
HCF4054M013TR
DIP
SOP


Similar Part No. - HCF4054B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4054B STMICROELECTRONICS-HCF4054B Datasheet
334Kb / 15P
LIQUID-CRYSTAL DISPLAY DRIVERS
Mar-1989
HCF4054BC1 STMICROELECTRONICS-HCF4054BC1 Datasheet
334Kb / 15P
LIQUID-CRYSTAL DISPLAY DRIVERS
Mar-1989
HCF4054BEY STMICROELECTRONICS-HCF4054BEY Datasheet
334Kb / 15P
LIQUID-CRYSTAL DISPLAY DRIVERS
Mar-1989
HCF4054BF STMICROELECTRONICS-HCF4054BF Datasheet
334Kb / 15P
LIQUID-CRYSTAL DISPLAY DRIVERS
Mar-1989
HCF4054BM1 STMICROELECTRONICS-HCF4054BM1 Datasheet
334Kb / 15P
LIQUID-CRYSTAL DISPLAY DRIVERS
Mar-1989
More results

Similar Description - HCF4054B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
Liquid Crystal Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
logo
Sames
SA8806A SAMES-SA8806A Datasheet
238Kb / 10P
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8807A SAMES-SA8807A Datasheet
271Kb / 14P
96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
logo
STMicroelectronics
HCF4056B STMICROELECTRONICS-HCF4056B_02 Datasheet
261Kb / 10P
BCD TO 7 SEGMENT DECODER /DRIVER WITH STROBED LATCH FUNCTION
Sep-2002
logo
National Semiconductor ...
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
Liquid Crystal Display Driver
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
LIQUID-CRYSTAL DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com