Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4073B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4073B
Description  TRIPLE 3 INPUT AND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4073B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4073B Datasheet HTML 1Page - STMicroelectronics HCF4073B Datasheet HTML 2Page - STMicroelectronics HCF4073B Datasheet HTML 3Page - STMicroelectronics HCF4073B Datasheet HTML 4Page - STMicroelectronics HCF4073B Datasheet HTML 5Page - STMicroelectronics HCF4073B Datasheet HTML 6Page - STMicroelectronics HCF4073B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2001
s
MEDIUM SPEED OPERATION :
tPD = 60ns (TYP.) at VDD = 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4073B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4073B TRIPLE 3 INPUT AND GATE
provides
the
system
designer
with
direct
implementation
of
the
AND
function
and
supplement the existing family of CMOS gates.
HCF4073B
TRIPLE 3 INPUT AND GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4073BEY
SOP
HCF4073BM1
HCF4073M013TR
DIP
SOP


Similar Part No. - HCF4073B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4073B STMICROELECTRONICS-HCF4073B Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4073BC1 STMICROELECTRONICS-HCF4073BC1 Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4073BEY STMICROELECTRONICS-HCF4073BEY Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4073BF STMICROELECTRONICS-HCF4073BF Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4073BM1 STMICROELECTRONICS-HCF4073BM1 Datasheet
271Kb / 10P
AND GATES
Jun-1989
More results

Similar Description - HCF4073B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
TRIPLE 3-INPUT AND GATE
Aug-2001
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
Triple 3-input AND Gate
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
Triple 3-Input AND Gate
logo
Toshiba Semiconductor
TC74AC11F TOSHIBA-TC74AC11F_12 Datasheet
244Kb / 7P
Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com