Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP14NF12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP14NF12
Description  N-CHANNEL 120V - 0.16ohm - 14A TO-220/TO-220FP LOW GATE CHARGE STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP14NF12 Datasheet(HTML) 1 Page - STMicroelectronics

  STP14NF12 Datasheet HTML 1Page - STMicroelectronics STP14NF12 Datasheet HTML 2Page - STMicroelectronics STP14NF12 Datasheet HTML 3Page - STMicroelectronics STP14NF12 Datasheet HTML 4Page - STMicroelectronics STP14NF12 Datasheet HTML 5Page - STMicroelectronics STP14NF12 Datasheet HTML 6Page - STMicroelectronics STP14NF12 Datasheet HTML 7Page - STMicroelectronics STP14NF12 Datasheet HTML 8Page - STMicroelectronics STP14NF12 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
August 2002
STP14NF12
STP14NF12FP
N-CHANNEL 120V - 0.16
Ω - 14A TO-220/TO-220FP
LOW GATE CHARGE STripFET™ POWER MOSFET
(1) ISD ≤14A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(2) Starting Tj = 25°C, ID = 14A, VDD =50V
s
TYPICAL RDS(on) = 0.16Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP14NF12
STP14NF12FP
120 V
120 V
< 0.18
Ω
< 0.18
Ω
14 A
14 A
Symbol
Parameter
Value
Unit
STP14NF12
STP14NF12FP
VDS
Drain-source Voltage (VGS =0)
120
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
120
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuous) at TC = 25°C
14
8.5
A
ID
Drain Current (continuous) at TC = 100°C
96
A
IDM ( )
Drain Current (pulsed)
56
34
A
PTOT
Total Dissipation at TC = 25°C
60
25
W
Derating Factor
0.4
0.17
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
9
V/ns
EAS (2)
Single Pulse Avalanche Energy
60
mJ
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tj
Operating Junction Temperature
-55 to 175
°C
Tstg
Storage Temperature
TO-220
1
2
3
1
2
3
TO-220FP
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP14NF12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NF12 STMICROELECTRONICS-STP14NF12 Datasheet
311Kb / 14P
N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
logo
VBsemi Electronics Co.,...
STP14NF12 VBSEMI-STP14NF12 Datasheet
939Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP14NF12 ISC-STP14NF12 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP14NF12FP STMICROELECTRONICS-STP14NF12FP Datasheet
311Kb / 14P
N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
logo
VBsemi Electronics Co.,...
STP14NF12FP VBSEMI-STP14NF12FP Datasheet
2Mb / 8P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STP14NF12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF10 STMICROELECTRONICS-STP80NF10 Datasheet
334Kb / 9P
N-CHANNEL 100V - 0.012ohm - 80A TO-220/TO-220FP LOW GATE CHARGE STripFET™ I POWER MOSFET
Sep-2002
STP40NF12 STMICROELECTRONICS-STP40NF12 Datasheet
283Kb / 8P
N-CHANNEL 120V - 0.028W - 40A TO-220 LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2003
IRF530 STMICROELECTRONICS-IRF530 Datasheet
281Kb / 3P
N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET™ II POWER MOSFET
June 1988
STP14NF12 STMICROELECTRONICS-STP14NF12_06 Datasheet
311Kb / 14P
N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
17-Apr-2007
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STD16NF25 STMICROELECTRONICS-STD16NF25 Datasheet
462Kb / 16P
N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
16-Oct-2007
STF24NF12 STMICROELECTRONICS-STF24NF12 Datasheet
257Kb / 12P
N-channel 120V - 0.070Ω - 24A TO-220FP Low gate charge STripFET??II MOSFET
04-Sep-2006
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
STP80NF10FP STMICROELECTRONICS-STP80NF10FP Datasheet
226Kb / 12P
N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
11-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com