Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4081B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4081B
Description  QUAD 2 INPUT AND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4081B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4081B Datasheet HTML 1Page - STMicroelectronics HCF4081B Datasheet HTML 2Page - STMicroelectronics HCF4081B Datasheet HTML 3Page - STMicroelectronics HCF4081B Datasheet HTML 4Page - STMicroelectronics HCF4081B Datasheet HTML 5Page - STMicroelectronics HCF4081B Datasheet HTML 6Page - STMicroelectronics HCF4081B Datasheet HTML 7Page - STMicroelectronics HCF4081B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
March 2004
s
MEDIUM SPEED OPERATION:
tPD = 60ns (Typ.) at 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
DESCRIPTION
The HCF4081B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4081B QUAD 2 INPUT AND GATE
provide
the
system
designer
with
direct
implementation
of
the
AND
function
and
supplement the existing family of CMOS gates.
HCF4081B
QUAD 2 INPUT AND GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4081BEY
SOP
HCF4081BM1
HCF4081M013TR
DIP
SOP


Similar Part No. - HCF4081B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4081B STMICROELECTRONICS-HCF4081B Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4081BC1 STMICROELECTRONICS-HCF4081BC1 Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4081BEY STMICROELECTRONICS-HCF4081BEY Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4081BF STMICROELECTRONICS-HCF4081BF Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4081BM1 STMICROELECTRONICS-HCF4081BM1 Datasheet
271Kb / 10P
AND GATES
Jun-1989
More results

Similar Description - HCF4081B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com