Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4512B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4512B
Description  8 CHANNEL DATA SELECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4512B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4512B Datasheet HTML 1Page - STMicroelectronics HCF4512B Datasheet HTML 2Page - STMicroelectronics HCF4512B Datasheet HTML 3Page - STMicroelectronics HCF4512B Datasheet HTML 4Page - STMicroelectronics HCF4512B Datasheet HTML 5Page - STMicroelectronics HCF4512B Datasheet HTML 6Page - STMicroelectronics HCF4512B Datasheet HTML 7Page - STMicroelectronics HCF4512B Datasheet HTML 8Page - STMicroelectronics HCF4512B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
October 2002
s
3-STATE OUTPUT
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4512B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4512B is an 8-channel data selector featuring
a three-state output that can interface directly
with, and drive, data lines of bus oriented systems.
HCF4512B
8 CHANNEL DATA SELECTOR
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4512BEY
SOP
HCF4512BM1
HCF4512M013TR
DIP
SOP


Similar Part No. - HCF4512B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B Datasheet
278Kb / 12P
8-CHANNEL DATA SELECTOR
Jun-1989
HCF4512BC1 STMICROELECTRONICS-HCF4512BC1 Datasheet
278Kb / 12P
8-CHANNEL DATA SELECTOR
Jun-1989
HCF4512BEY STMICROELECTRONICS-HCF4512BEY Datasheet
278Kb / 12P
8-CHANNEL DATA SELECTOR
Jun-1989
HCF4512BM1 STMICROELECTRONICS-HCF4512BM1 Datasheet
278Kb / 12P
8-CHANNEL DATA SELECTOR
Jun-1989
More results

Similar Description - HCF4512B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
8-Channel Data Selector
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
8-CHANNEL DATA SELECTOR
Jun-1989
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
8-CHANNEL DATA SELECTOR
logo
Fairchild Semiconductor
CD4512BC FAIRCHILD-CD4512BC Datasheet
78Kb / 8P
8-Channel Buffered Data Selector
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
8-channel Data Selector
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
8-Channel Data Selector
logo
Texas Instruments
CD4512B TI1-CD4512B Datasheet
1Mb / 16P
CMOS 8-Channel Data Selector
CD4512B TI1-CD4512B_15 Datasheet
1Mb / 15P
CMOS 8-Channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
8-Channel Data Selector
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com