Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4517B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4517B
Description  DUAL 64 STAGE STATIC SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4517B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4517B Datasheet HTML 1Page - STMicroelectronics HCF4517B Datasheet HTML 2Page - STMicroelectronics HCF4517B Datasheet HTML 3Page - STMicroelectronics HCF4517B Datasheet HTML 4Page - STMicroelectronics HCF4517B Datasheet HTML 5Page - STMicroelectronics HCF4517B Datasheet HTML 6Page - STMicroelectronics HCF4517B Datasheet HTML 7Page - STMicroelectronics HCF4517B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2002
s
CLOCK FREQUENCY 12MHz (Typ.)
at VDD = 10V
s
SCHMITT TRIGGER CLOCK INPUTS
ALLOWS OPERATION WITH VERY SLOW
CLOCK RISE AND FALL TIMES
s
THREE STATE OUTPUTS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED, SYMMETRICAL OUTPUT
CHARACTERISTCS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4517B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP package.
This device is a dual 64-stage static shift register
consisting of two independent registers each
having a clock, data, and write enable input and
outputs accessible by stages following the 16th,
32nd, 48th, and 64th stages. These stages also
serve as input points allowing data to be put in at
the 17th , 33rd, and 49th stages when the write
enable input is a logic 1 and the clock goes
through a low to high transition. The truth table
indicates how the clock and write enable inputs
control the operation of HCF4517B. Inputs at the
intermediate stages allow entry of 64-bits into the
register with 16 clock pulses. The 3-state outputs
permit connection of this device to an external
bus.
HCF4517B
DUAL 64 STAGE STATIC SHIFT REGISTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4517BEY
SOP
HCF4517BM1
HCF4517M013TR
DIP


Similar Part No. - HCF4517B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4517B STMICROELECTRONICS-HCF4517B Datasheet
244Kb / 12P
DUAL 64-STAGE STATIC SHIFT REGISTER
Sep-1988
HCF4517BC1 STMICROELECTRONICS-HCF4517BC1 Datasheet
244Kb / 12P
DUAL 64-STAGE STATIC SHIFT REGISTER
Sep-1988
HCF4517BM1 STMICROELECTRONICS-HCF4517BM1 Datasheet
244Kb / 12P
DUAL 64-STAGE STATIC SHIFT REGISTER
Sep-1988
More results

Similar Description - HCF4517B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
64-stage static shift register
January 1995
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
64-STAGE STATIC SHIFT REGISTER
Jun-1989
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
DUAL 64-STAGE STATIC SHIFT REGISTER
Sep-1988
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
CMOS 64-STAGE STATIC SHIFT REGISTER
CD4517B TI-CD4517B Datasheet
245Kb / 6P
CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
CMOS 64-Stage Static Shift Register
December 1992
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
CMOS Dual 64-Stage Static Shift Register
December 1992
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
64-Stage Static Shift Register
logo
Texas Instruments
CD4517BF3A TI1-CD4517BF3A Datasheet
396Kb / 9P
CMOS Dual 64-Stage Static Shift Register
CD4517B TI1-CD4517B_09 Datasheet
414Kb / 9P
Cmos Dual 64-stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com