Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC573 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC573
Description  RAD-HARD OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC573 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC573 Datasheet HTML 1Page - STMicroelectronics M54HC573 Datasheet HTML 2Page - STMicroelectronics M54HC573 Datasheet HTML 3Page - STMicroelectronics M54HC573 Datasheet HTML 4Page - STMicroelectronics M54HC573 Datasheet HTML 5Page - STMicroelectronics M54HC573 Datasheet HTML 6Page - STMicroelectronics M54HC573 Datasheet HTML 7Page - STMicroelectronics M54HC573 Datasheet HTML 8Page - STMicroelectronics M54HC573 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M54HC573
5/12
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr =tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
50
25
60
75
90
ns
4.5
7
12
15
18
6.0
6
10
13
15
tPLH tPHL Propagation Delay
Time
(LE - Q)
2.0
50
50
115
145
175
ns
4.5
15
23
29
35
6.0
13
20
25
30
2.0
150
60
155
195
235
ns
4.5
20
31
39
47
6.0
17
26
33
40
tPLH tPHL Propagation Delay
Time
(D - Q)
2.0
50
42
110
140
165
ns
4.5
14
22
28
33
6.0
12
19
24
28
2.0
150
57
150
190
225
ns
4.5
19
30
38
45
6.0
16
26
32
38
tPZL tPZH High Impedance
Output Enable
Time
2.0
50
RL =1 KΩ
55
140
175
210
ns
4.5
17
28
35
42
6.0
14
24
30
36
2.0
150
RL =1 KΩ
66
180
225
270
ns
4.5
22
36
45
54
6.0
19
31
38
46
tPLZ tPHZ High Impedance
Output Disable
Time
2.0
50
RL =1 KΩ
40
125
155
190
ns
4.5
17
25
31
38
6.0
15
21
26
32
tW(L)
tW(H)
Minimum Pulse
Width
2.0
50
40
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
ts
Minimum Set-up
Time
2.0
50
16
50
65
75
ns
4.5
5
10
13
15
6.0
3
9
11
13
th
Minimum Hold
Time
2.0
50
55
5
ns
4.5
5
5
5
6.0
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com