Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4527B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4527B
Description  BCD RATE MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4527B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4527B Datasheet HTML 3Page - STMicroelectronics HCF4527B Datasheet HTML 4Page - STMicroelectronics HCF4527B Datasheet HTML 5Page - STMicroelectronics HCF4527B Datasheet HTML 6Page - STMicroelectronics HCF4527B Datasheet HTML 7Page - STMicroelectronics HCF4527B Datasheet HTML 8Page - STMicroelectronics HCF4527B Datasheet HTML 9Page - STMicroelectronics HCF4527B Datasheet HTML 10Page - STMicroelectronics HCF4527B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HCF4527B
7/12
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH, tPHL Propagation Delay Time :
Clock to Output
5
110
220
ns
10
55
110
15
45
90
tPLH, tPHL Propagation Delay Time :
Clock or Strobe to Output
5
150
300
ns
10
75
150
15
60
120
tPLH
Propagation Delay Time :
Clock to Inhibit Output
5
320
640
ns
10
145
290
15
100
200
tPHL
Propagation Delay Time :
Clock to Inhibit Output
5
250
500
ns
10
100
200
15
75
150
tPLH, tPHL Propagation Delay Time :
Clear to Output
5
380
760
ns
10
175
550
15
130
260
tPLH, tPHL Propagation Delay Time :
Clock to "9" or "1" Q
Output
5
300
600
ns
10
125
250
15
90
180
tPLH, tPHL Propagation Delay Time :
Cascade to Output
590
180
ns
10
45
90
15
35
70
tPLH, tPHL Propagation Delay Time :
Inhibit Input to Inhibit
Output
5
130
260
ns
10
60
120
15
45
90
tPLH, tPHL Propagation Delay Time :
Set to Output
5
330
660
ns
10
150
300
15
110
220
tTHL, tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
fCL
Maximum Clock
Frequency
5
1.2
2.4
MHz
10
2.5
5
15
3.5
7
tW
Clock Pulse Width
5
330
165
ns
10
170
85
15
100
50
tr, tf
Clock Rise or Fall Time
5
15
µs
10
15
15
15
tW
Set or Clear Pulse Width
5
160
80
ns
10
90
45
15
60
30
tsetup
Inhibit Input Setup Time
5
100
50
ns
10
40
20
15
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com