Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4532B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4532B
Description  8-BIT PRIORITY ENCODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4532B Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4532B Datasheet HTML 1Page - STMicroelectronics HCF4532B Datasheet HTML 2Page - STMicroelectronics HCF4532B Datasheet HTML 3Page - STMicroelectronics HCF4532B Datasheet HTML 4Page - STMicroelectronics HCF4532B Datasheet HTML 5Page - STMicroelectronics HCF4532B Datasheet HTML 6Page - STMicroelectronics HCF4532B Datasheet HTML 7Page - STMicroelectronics HCF4532B Datasheet HTML 8Page - STMicroelectronics HCF4532B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HCF4532B
5/13
Table 6: Dynamic Electrical Characteristics (Tamb =25°C, CL = 50pF, RL =200KΩ,tr =tf =20ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
TYPICAL APPLICATIONS
Figure 4: 16-Level Priority Encoder
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
(EI to EO,EI to GS)
5110
220
ns
10
55
110
15
45
85
tPLH tPHL Propagation Delay Time
(EI to Qm,Dn to GS)
5
170
340
ns
10
85
170
15
65
125
tPLH tPHL Propagation Delay Time
(Dn to Qm)
5
220
440
ns
10
110
220
15
85
160
tTLH tTHL Transition Time
5
100
200
ns
10
50
100
15
40
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com