Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC590D Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC590D
Description  RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC590D Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC590D Datasheet HTML 1Page - STMicroelectronics M54HC590D Datasheet HTML 2Page - STMicroelectronics M54HC590D Datasheet HTML 3Page - STMicroelectronics M54HC590D Datasheet HTML 4Page - STMicroelectronics M54HC590D Datasheet HTML 5Page - STMicroelectronics M54HC590D Datasheet HTML 6Page - STMicroelectronics M54HC590D Datasheet HTML 7Page - STMicroelectronics M54HC590D Datasheet HTML 8Page - STMicroelectronics M54HC590D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M54HC590
2/16
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
X: Don’t Care
RCO =QA’·QB’·QC’·QD’·QE’·QF’·QG’·QH’ (QA’ to QH’: INTERNAL OUTPUTS OF THE COUNTER)
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 7, 15
QA to QH
Outputs
11
CCK
Counter Clock Input
12
CCKEN
Counter Clock Enable
Input
13
RCK
Register Clock Input
9RCO
Ripple Carry Output
14
G
Output Enable Input
10
CCLR
Counter Clear Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G
RCK
CCLR
CCKEN
CCK
H
XXXX
Q OUTPUTS DISABLE
L
XXXX
Q OUTPUTS ENABLE
X
X
X
X
COUNTER DATA IS STORED INTO REGISTER
X
X
X
X
REGISTER STAGE IS NOT CHANGED
X
X
L
X
X
COUNTER CLEAR
X
X
H
L
ADVANCE ONE COUNT
XXH
L
NO COUNT
X
X
H
H
X
NO COUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com