Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4538B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4538B
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4538B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4538B Datasheet HTML 1Page - STMicroelectronics HCF4538B Datasheet HTML 2Page - STMicroelectronics HCF4538B Datasheet HTML 3Page - STMicroelectronics HCF4538B Datasheet HTML 4Page - STMicroelectronics HCF4538B Datasheet HTML 5Page - STMicroelectronics HCF4538B Datasheet HTML 6Page - STMicroelectronics HCF4538B Datasheet HTML 7Page - STMicroelectronics HCF4538B Datasheet HTML 8Page - STMicroelectronics HCF4538B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HCF4538B
2/10
from either edge of an input pulse. An unused +TR
input should be tied to VSS. An unused -TR input
should be tied to VDD . A RESET (on low level) is
provided for immediate termination of the output
pulse or to prevent output pulses when power is
turned on. An unused RESET input should be tied
to VDD . However, if an entire section of the
HCF4538B is not used, its inputs must be tied to
either VDD or VSS (see table 1). In normal
operation the circuit triggers (extends the output
pulse one period) on the application of each new
trigger pulse. For operation in the non-retiggerable
mode, Q is connected to -TR when leading edge
triggering (+TR) is used or Q is connected to +TR
when trailing edge triggering (-TR) is used. The
time period (T) for this multivibrator can be
calculated by : T = RX CX. The min. value of
external resistance, RX, is 4KΩ. The max. and
min. values of external capacitance, CX, are 100
µF and 5nF, respectively.
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
Terminals 1, 8, 15 are electrically connected internally
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
4, 12
+TR
Trigger Inputs (Low to
High, Edge-Triggered)
5, 11
-TR
Trigger Inputs (High to
Low, Edge-Triggered)
3, 13
RESET
Direct Reset Inputs
(Active Low)
1, 15
CX1, CX2
External Capacitor Con-
nections
2, 14
RXCX1
RXCX2
External Resistor/Capaci-
tor Connections
6, 10
Q1, Q2
Pulse Outputs
7, 9
Q1, Q2
Complementary Pulse
Outputs
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com