Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4585B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4585B
Description  4-BIT MAGNITUDE COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4585B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4585B Datasheet HTML 1Page - STMicroelectronics HCF4585B Datasheet HTML 2Page - STMicroelectronics HCF4585B Datasheet HTML 3Page - STMicroelectronics HCF4585B Datasheet HTML 4Page - STMicroelectronics HCF4585B Datasheet HTML 5Page - STMicroelectronics HCF4585B Datasheet HTML 6Page - STMicroelectronics HCF4585B Datasheet HTML 7Page - STMicroelectronics HCF4585B Datasheet HTML 8Page - STMicroelectronics HCF4585B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
October 2002
s
EXPANSION TO 8, 12, 16....4 N BITS BY
CASCADING UNIT
s
MEDIUM SPEED OPERATION : COMPARES
TWO 4-BIT WORDS IN 180ns (Typ.) at 10V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4585B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4585B is a 4-bit magnitude comparator
designed
for
use
in
computer
and
logic
applications that require the comparison of two
4-bit words. This logic circuit determines whether
one 4-bit word (Binary or BCD) is "less than",
"equal to" or "greater than" a second 4-bit word.
HCF4585B has eight comparing inputs (A3, B3
through A0, B0), three outputs (A<B, A=B, A>B)
and three cascading inputs (A<B, A=B, A>B) that
permit
system
designers
to
expand
the
comparator function to 8, 12, 16...4N bits. When a
single HCF4585B is used, the cascading inputs
are connected as follows: (A<B) = low, (A=B) =
high, (A>B) = high. Cascading these units for
comparison of more than 4 bits is accomplished
as shown in Typical application.
HCF4585B
4-BIT MAGNITUDE COMPARATOR
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4585BEY
SOP
HCF4585BM1
HCF4585M013TR
DIP
SOP


Similar Part No. - HCF4585B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4585B STMICROELECTRONICS-HCF4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
HCF4585BC1 STMICROELECTRONICS-HCF4585BC1 Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
HCF4585BEY STMICROELECTRONICS-HCF4585BEY Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
HCF4585BM1 STMICROELECTRONICS-HCF4585BM1 Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
More results

Similar Description - HCF4585B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com