Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4538 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4538
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4538 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4538 Datasheet HTML 2Page - STMicroelectronics HCF4538 Datasheet HTML 3Page - STMicroelectronics HCF4538 Datasheet HTML 4Page - STMicroelectronics HCF4538 Datasheet HTML 5Page - STMicroelectronics HCF4538 Datasheet HTML 6Page - STMicroelectronics HCF4538 Datasheet HTML 7Page - STMicroelectronics HCF4538 Datasheet HTML 8Page - STMicroelectronics HCF4538 Datasheet HTML 9Page - STMicroelectronics HCF4538 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HCF4538B
6/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) Minimum RX value = 4KΩ , minimum CX value = 5000 pF
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tTLH tTHL Transition Time
5
100
200
ns
10
50
100
15
40
80
tPLH tPHL Propagation Delay Time
+TR or -TR to Q or Q
5
300
600
ns
10
150
300
15
100
200
tPLH tPHL Propagation Delay Time
Reset to Q or Q
5
RL = 1KΩ
250
500
ns
10
125
250
15
95
190
tWH tWL Minimum Input Pulse
Width +TR, -TR or Reset
5
RL = 1KΩ
80
140
ns
10
40
80
15
30
60
tWT
Output Pulse Width - Q or
Q (CX = 0.005 µF, RX =
10K
Ω (1))
5
57
60.6
64.5
µs
10
55
58.9
63.0
15
55
59.1
63.5
tWT
Output Pulse Width - Q or
Q (CX = 0.1µF, RX =
100K
Ω)
5
9.4
9.97
10.5
ms
10
9.4
9.95
10.6
15
9.5
10.0
10.6
tWT
Output Pulse Width - Q or
Q (CX = 10µF, RX =
100K
Ω)
5
0.95
1.0
1.06
s
10
0.95
1.0
1.06
15
0.96
1.0
1.07
tW
Pulse Width Match
Between Circuits in Same
Package : (100(T1 - T2)/T1)
(CX = 0.1µF, RX = 100KΩ)
5
± 1
%
10
± 1
15
± 1
trr
Minimum Retrigger Time
5
0
ns
10
0
15
0
CIN
Input Capacitance
Any Input
5
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com