Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW13NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW13NK60Z
Description  N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW13NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW13NK60Z Datasheet HTML 1Page - STMicroelectronics STW13NK60Z Datasheet HTML 2Page - STMicroelectronics STW13NK60Z Datasheet HTML 3Page - STMicroelectronics STW13NK60Z Datasheet HTML 4Page - STMicroelectronics STW13NK60Z Datasheet HTML 5Page - STMicroelectronics STW13NK60Z Datasheet HTML 6Page - STMicroelectronics STW13NK60Z Datasheet HTML 7Page - STMicroelectronics STW13NK60Z Datasheet HTML 8Page - STMicroelectronics STW13NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
February 2003
STP13NK60Z/FP, STB13NK60Z
STB13NK60Z-1, STW13NK60Z
N-CHANNEL 600V-0.48
Ω-13A TO-220/FP/D2PAK/I2PAK/TO-247
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 0.48 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP13NK60Z
STP13NK60ZFP
STB13NK60Z
STB13NK60Z-1
STW13NK60Z
600 V
600 V
600 V
600 V
600 V
< 0.55
Ω
< 0.55
Ω
< 0.55
Ω
< 0.55
Ω
< 0.55
Ω
13 A
13 A
13 A
13 A
13 A
150 W
35 W
150 W
150 W
150 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP13NK60Z
P13NK60Z
TO-220
TUBE
STP13NK60ZFP
P13NK60ZFP
TO-220FP
TUBE
STB13NK60ZT4
B13NK60Z
D
2PAK
TAPE & REEL
STB13NK60Z
B13NK60Z
D2PAK
TUBE
(ONLY UNDER REQUEST)
STB13NK60Z-1
B13NK60Z
I2PAK
TUBE
STW13NK60Z
W13NK60Z
TO-247
TUBE
TO-220
TO-220FP
1
2
3
I2PAK
1
2
3
1
3
D2PAK
1
2
3
TO-247
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW13NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW13NK60Z STMICROELECTRONICS-STW13NK60Z Datasheet
369Kb / 17P
N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
12-Sep-2005
STW13NK60Z STMICROELECTRONICS-STW13NK60Z Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
STW13NK60Z STMICROELECTRONICS-STW13NK60Z Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
logo
Inchange Semiconductor ...
STW13NK60Z ISC-STW13NK60Z Datasheet
359Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW13NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
April 2002
STB10NK60Z STMICROELECTRONICS-STB10NK60Z Datasheet
409Kb / 19P
N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
26-Jul-2005
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STB13NK60Z STMICROELECTRONICS-STB13NK60Z_05 Datasheet
369Kb / 17P
N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
12-Sep-2005
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
05-Jan-2007
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com