Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC597K Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC597K
Description  RAD-HARD 8 BIT LATCH/SHIFT REGISTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC597K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC597K Datasheet HTML 2Page - STMicroelectronics M54HC597K Datasheet HTML 3Page - STMicroelectronics M54HC597K Datasheet HTML 4Page - STMicroelectronics M54HC597K Datasheet HTML 5Page - STMicroelectronics M54HC597K Datasheet HTML 6Page - STMicroelectronics M54HC597K Datasheet HTML 7Page - STMicroelectronics M54HC597K Datasheet HTML 8Page - STMicroelectronics M54HC597K Datasheet HTML 9Page - STMicroelectronics M54HC597K Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M54HC597
6/14
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr =tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
115
ns
4.5
8
15
19
23
6.0
7
13
16
20
tPLH tPHL Propagation Delay
Time
(SCK - QH’)
2.0
78
145
180
220
ns
4.5
20
29
36
44
6.0
16
25
31
37
tPLH tPHL Propagation Delay
Time
(SCLR - QH’)
2.0
90
175
220
265
ns
4.5
24
35
44
53
6.0
20
30
37
45
tPLH tPHL Propagation Delay
Time
(SLOAD -QH’)
2.0
80
175
220
265
ns
4.5
22
35
44
53
6.0
18
30
37
45
tPLH tPHL Propagation Delay
Time
(RCK- QH’)
2.0
SLOAD ="L"
112
210
265
315
ns
4.5
30
42
53
63
6.0
24
36
45
54
fMAX
Maximum Clock
Frequency
2.0
6.0
12
4.8
4.0
MHz
4.5
30
482420
6.0
35
502824
tW(H)
tW(L)
Minimum Pulse
Width (SCK, RCK)
2.0
20
75
95
110
ns
4.5
7
15
19
22
6.0
4
13
16
19
tW(L)
Minimum Pulse
Width (SCLR,
SLOAD)
2.0
25
75
95
110
ns
4.5
7
15
19
22
6.0
5
13
16
19
ts
Minimum Set-up
Time (RCK -
SLOAD)
2.0
48
100
125
150
ns
4.5
12
20
25
30
6.0
10
17
21
26
ts
Minimum Set-up
Time (SI, SCK)
2.0
20
75
95
110
ns
4.5
5
15
19
22
6.0
4
13
16
19
ts
Minimum Set-up
Time (PI, RCK)
2.0
20
75
95
110
ns
4.5
5
15
19
22
6.0
4
13
16
19
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum Removal
Time
2.0
12
75
95
115
ns
4.5
4
15
19
23
6.0
3
13
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com