Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC688D Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC688D
Description  RAD-HARD 8 BIT EQUALITY COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC688D Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC688D Datasheet HTML 1Page - STMicroelectronics M54HC688D Datasheet HTML 2Page - STMicroelectronics M54HC688D Datasheet HTML 3Page - STMicroelectronics M54HC688D Datasheet HTML 4Page - STMicroelectronics M54HC688D Datasheet HTML 5Page - STMicroelectronics M54HC688D Datasheet HTML 6Page - STMicroelectronics M54HC688D Datasheet HTML 7Page - STMicroelectronics M54HC688D Datasheet HTML 8Page - STMicroelectronics M54HC688D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M74HC688
2/10
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
X: Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1G
Enable Input (Active
LOW)
2, 4, 6, 8, 11,
13, 15, 17
P0 to P7
Word Inputs
3, 5, 7, 9, 12,
14, 16, 18
Q0 to Q7
Word Outputs
19
P = Q
Equal to Output
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
P, Q
G
P= Q
P= Q
L
L
P<> Q
L
H
XH
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com