Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4050
Description  RAD-HARD HEX BUFFER/CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4050 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4050 Datasheet HTML 1Page - STMicroelectronics M54HC4050 Datasheet HTML 2Page - STMicroelectronics M54HC4050 Datasheet HTML 3Page - STMicroelectronics M54HC4050 Datasheet HTML 4Page - STMicroelectronics M54HC4050 Datasheet HTML 5Page - STMicroelectronics M54HC4050 Datasheet HTML 6Page - STMicroelectronics M54HC4050 Datasheet HTML 7Page - STMicroelectronics M54HC4050 Datasheet HTML 8Page - STMicroelectronics M54HC4050 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2004
s
HIGH SPEED:
tPD = 8ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4050
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9401-038
DESCRIPTION
The M54HC4050 is an high speed CMOS HEX
BUFFER fabricated with silicon gate C2MOS
technology.
The internal circuit is composed of 3 stages, which
enables high noise immunity and a stable output.
Input protection circuits are different from those of
the high speed CMOS IC’s.
The VCC side diodes are designed to allow
logic-level conversion from high-level voltages (up
to 13V) to low level voltages.
M54HC4050
RAD-HARD HEX BUFFER/CONVERTER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4050D
M54HC4050D1
FPC
M54HC4050K
M54HC4050K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M54HC4050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4050 STMICROELECTRONICS-M54HC4050 Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M54HC4050 STMICROELECTRONICS-M54HC4050 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4050B1R STMICROELECTRONICS-M54HC4050B1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M54HC4050C1R STMICROELECTRONICS-M54HC4050C1R Datasheet
248Kb / 11P
HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
Mar-1993
M54HC4050D STMICROELECTRONICS-M54HC4050D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
229Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
03-May-2004
M54HCU04 STMICROELECTRONICS-M54HCU04 Datasheet
164Kb / 8P
RAD HARD HEX INVERTER (SINGLE STATE)
27-Jun-2004
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
RAD-HARD QUAD BUS BUFFER (3-STATE)
Mar-2004
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP_07 Datasheet
302Kb / 8P
Hex Buffer/Converter
logo
STMicroelectronics
M74HC4050 STMICROELECTRONICS-M74HC4050 Datasheet
554Kb / 8P
HEX BUFFER/CONVERTER
Jul-2001
M54HC367 STMICROELECTRONICS-M54HC367_04 Datasheet
246Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
10-May-2004
M54HC4049 STMICROELECTRONICS-M54HC4049_04 Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
14-May-2004
M54HC04 STMICROELECTRONICS-M54HC04_04 Datasheet
105Kb / 8P
RAD-HARD HEX INVERTER
Mar-2004
M54HC14 STMICROELECTRONICS-M54HC14_04 Datasheet
105Kb / 8P
RAD-HARD HEX SCHMITT INVERTER
Mar-2004
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com