Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4053D Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HC4053D
Description  RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4053D Datasheet(HTML) 3 Page - STMicroelectronics

  M54HC4053D Datasheet HTML 1Page - STMicroelectronics M54HC4053D Datasheet HTML 2Page - STMicroelectronics M54HC4053D Datasheet HTML 3Page - STMicroelectronics M54HC4053D Datasheet HTML 4Page - STMicroelectronics M54HC4053D Datasheet HTML 5Page - STMicroelectronics M54HC4053D Datasheet HTML 6Page - STMicroelectronics M54HC4053D Datasheet HTML 7Page - STMicroelectronics M54HC4053D Datasheet HTML 8Page - STMicroelectronics M54HC4053D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M54HC4053
3/12
Figure 4: Functional Diagram
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VCC - VEE Supply Voltage
-0.5 to +13
V
VI
Control Input Voltage
-0.5 to VCC +0.5
V
VI/O
Switch I/O Voltage
VEE -0.5 to VCC +0.5
V
ICK
Control Input Diode Current
± 20
mA
IIOK
I/O Diode Current
± 20
mA
IT
Switch Through Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
300
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com