Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4053K1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC4053K1
Description  RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4053K1 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC4053K1 Datasheet HTML 1Page - STMicroelectronics M54HC4053K1 Datasheet HTML 2Page - STMicroelectronics M54HC4053K1 Datasheet HTML 3Page - STMicroelectronics M54HC4053K1 Datasheet HTML 4Page - STMicroelectronics M54HC4053K1 Datasheet HTML 5Page - STMicroelectronics M54HC4053K1 Datasheet HTML 6Page - STMicroelectronics M54HC4053K1 Datasheet HTML 7Page - STMicroelectronics M54HC4053K1 Datasheet HTML 8Page - STMicroelectronics M54HC4053K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M54HC4053
2/12
Figure 1: IEC Logic Symbols
Figure 2: Control Input Equivalent Circuit
Figure 3: I/O Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
X: Don’t care
PIN N°
SYMBOL
NAME AND FUNCTION
2, 1
bx, by
Independent Input Out-
puts
5, 3
cx, cy
Independent Input Out-
puts
6
INH
INHIBIT Input
7VEE
Negative Supply Voltage
11, 10, 9
A, B, C
Select Inputs
12, 13
ax, ay
Independent Input Out-
puts
14, 15, 4
ax to cy
Common Output/Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUT STATE
ON CHANNEL
INH
A or B or C
L
L
ax or bx or cx
L
H
ay or by or cy
HX
NONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com