Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16N10L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP16N10L
Description  N - CHANNEL 100V - 0.14 ohm - 16A - TO-220 POWER MOS TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16N10L Datasheet(HTML) 3 Page - STMicroelectronics

  STP16N10L Datasheet HTML 1Page - STMicroelectronics STP16N10L Datasheet HTML 2Page - STMicroelectronics STP16N10L Datasheet HTML 3Page - STMicroelectronics STP16N10L Datasheet HTML 4Page - STMicroelectronics STP16N10L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD = 50 V
ID = 8 A
RG = 4.7
Ω
VGS = 5 V
15
40
20
55
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 80 V
ID = 16 A
VGS = 5 V
20
6
10
30
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 80 V
ID = 16 A
RG = 4.7
Ω
VGS = 5 V
12
12
25
18
18
35
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
16
64
A
A
VSD (
∗)
Forward On Voltage
ISD = 16 A
VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 16 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 150
oC
145
580
8
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STP16N10L
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com