Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEXXC Datasheet(PDF) 7 Page - STMicroelectronics

Part # LEXXC
Description  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEXXC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LEXXC Datasheet HTML 3Page - STMicroelectronics LEXXC Datasheet HTML 4Page - STMicroelectronics LEXXC Datasheet HTML 5Page - STMicroelectronics LEXXC Datasheet HTML 6Page - STMicroelectronics LEXXC Datasheet HTML 7Page - STMicroelectronics LEXXC Datasheet HTML 8Page - STMicroelectronics LEXXC Datasheet HTML 9Page - STMicroelectronics LEXXC Datasheet HTML 10Page - STMicroelectronics LEXXC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LExxAB LExxC
Maximum ratings
7/39
3
Maximum ratings
Note:
If the Inhibit pin is left floating, the regulator is in ON mode. However, to avoid any noise
picking-up, it is suggested to ground it when the Inhibit function is not used.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
20
V
IO
Output current
Internally limited (1)
1.
Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to
the die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heatsinking. The external
dimensions are the same as for the standard SO-8.
PTOT
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 3.
Thermal data
Symbol
Parameter
SO-8
TO-92
Unit
RthJC
Thermal resistance junction-case
20
°C/W
RthJA
Thermal resistance junction-ambient
55
200
°C/W
Figure 3.
Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com