Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331DL Datasheet(PDF) 40 Page - STMicroelectronics

Part # LIS331DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DL Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LIS331DL_08 Datasheet HTML 34Page - STMicroelectronics LIS331DL_08 Datasheet HTML 35Page - STMicroelectronics LIS331DL_08 Datasheet HTML 36Page - STMicroelectronics LIS331DL_08 Datasheet HTML 37Page - STMicroelectronics LIS331DL_08 Datasheet HTML 38Page - STMicroelectronics LIS331DL_08 Datasheet HTML 39Page - STMicroelectronics LIS331DL_08 Datasheet HTML 40Page - STMicroelectronics LIS331DL_08 Datasheet HTML 41Page - STMicroelectronics LIS331DL_08 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Package information
LIS331DL
40/42
9
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK® is an ST trademark.
ECOPACK® specifications are available at: www.st.com.
Figure 25.
LGA 16: Mechanical data and package dimensions
Dimensions
Ref.
mm
inch
Min. Typ. Max. Min.
Typ.
Max.
A1
1.000
0.0394
A2
0.7850.0309
A3
0.200
0.0079
D1
2.850
3.000
3.150 0.1122 0.1181 0.1240
E1
2.850
3.000
3.150 0.1122 0.1181 0.1240
L1
1.000
1.060
0.0394 0.0417
L2
2.000
2.060
0.07870.0811
N1
0.500
0.0197
N2
1.000
0.0394
M
0.040
0.100
0.160 0.0016 0.0039 0.0063
P1
0.875
0.0344
P2
1.275
0.0502
T1
0.2900.350
0.410 0.0114 0.0138 0.0161
T2
0.190
0.250
0.310 0.0075 0.0098 0.0122
d
0.150
0.0059
k
0.050
0.0020
LGA16 (3x3x1.0mm)
Land Grid Array Package
Outline and
7983231
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com