Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331DLTR Datasheet(PDF) 41 Page - STMicroelectronics

Part # LIS331DLTR
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DLTR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LIS331DLTR Datasheet HTML 34Page - STMicroelectronics LIS331DLTR Datasheet HTML 35Page - STMicroelectronics LIS331DLTR Datasheet HTML 36Page - STMicroelectronics LIS331DLTR Datasheet HTML 37Page - STMicroelectronics LIS331DLTR Datasheet HTML 38Page - STMicroelectronics LIS331DLTR Datasheet HTML 39Page - STMicroelectronics LIS331DLTR Datasheet HTML 40Page - STMicroelectronics LIS331DLTR Datasheet HTML 41Page - STMicroelectronics LIS331DLTR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
LIS331DL
Revision history
41/42
10
Revision history
Table 58.
Document revision history
Date
Revision
Changes
28-Sep-2007
1
Initial release
21-Jan-2008
2
Updated package specification Figure 25: LGA 16: Mechanical data
and package dimensions on page 40.
Minor text changes to improve readability.
16-Apr-2008
3
Updated paragraph 2.1: Mechanical characteristics and added
section 8: Typical performance characteristics.
Updated POA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com