Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM134
Description  Three terminal adjustable current sources
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM134 Datasheet(HTML) 3 Page - STMicroelectronics

  LM134 Datasheet HTML 1Page - STMicroelectronics LM134 Datasheet HTML 2Page - STMicroelectronics LM134 Datasheet HTML 3Page - STMicroelectronics LM134 Datasheet HTML 4Page - STMicroelectronics LM134 Datasheet HTML 5Page - STMicroelectronics LM134 Datasheet HTML 6Page - STMicroelectronics LM134 Datasheet HTML 7Page - STMicroelectronics LM134 Datasheet HTML 8Page - STMicroelectronics LM134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM134-LM234-LM334
Electrical characteristics
3/16
3
Electrical characteristics
Tj = +25°C with pulse testing so that junction temperature does not change during testing
(unless otherwise specified)
Table 2.
Electrical characteristics
Parameter
LM134 - LM234
LM334
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Set current error (V+ = +2.5V) -(1)
10µA
≤ Iset ≤ 1mA
1mA
≤ Iset ≤ 5mA
2µA
≤ Iset ≤ 10µA
3
5
8
6
8
12
%
Ratio of set current to V
- current
10µA
≤ Iset ≤ 1mA
1mA
≤ Iset ≤ 5mA
2µA
≤ Iset ≤ 10µA
14
18
14
14
23
14
18
14
14
26
Minimum operating voltage
2µA
≤ Iset ≤ 100µA
100µA
≤ Iset ≤ 1mA
1mA
≤ Iset ≤ 5mA
0.8
0.9
1
0.8
0.9
1
V
Average change in set current with input voltage
2µA
≤ Iset ≤ 1mA
+1.5V
≤ V+ ≤ +5V
+5V
≤ V+ ≤ +40V
1mA
≤ Iset ≤ 5mA
+1.5V
≤ V+ ≤ +5V
+5V
≤ V+ ≤ +40V
0.02
0.01
0.03
0.02
0.05
0.03
0.02
0.01
0.03
0.02
0.1
0.05
% / V
Temperature dependence of set current - (2)
25µA
≤ Iset ≤ 1mA
0.96 T
T
1.04 T 0.96 T
T
1.04 T
Effective shunt capacitance
15
15
pF
1.
The set current is the current flowing into the V+ pin. It is determined by the following formula:
Iset = 67.7mV/Rset (Tj = +25°C)
The set current error is expressed as a percent deviation from this amount.
2.
Iset is directly proportional to absolute temperature (°K). Iset at any temperature can be calculated from
Iset = Io (T/To)
where Io is Iset measured at To (°K).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com