Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM138 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM138
Description  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM138 Datasheet(HTML) 5 Page - STMicroelectronics

  LM138 Datasheet HTML 1Page - STMicroelectronics LM138 Datasheet HTML 2Page - STMicroelectronics LM138 Datasheet HTML 3Page - STMicroelectronics LM138 Datasheet HTML 4Page - STMicroelectronics LM138 Datasheet HTML 5Page - STMicroelectronics LM138 Datasheet HTML 6Page - STMicroelectronics LM138 Datasheet HTML 7Page - STMicroelectronics LM138 Datasheet HTML 8Page - STMicroelectronics LM138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM138 - LM238 - LM338
Maximum ratings
5/23
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI - VO
Input-output voltage differential
35
V
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (Soldering, 10 seconds)
300
°C
TOP
Operating junction temperature range
LM138
-55 to 150
°C
LM238
-25 to 125
LM338
0 to 125
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
1.4
°C/W
RthJA
Thermal resistance junction-ambient
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com