Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM337
Description  Three-terminal adjustable negative voltage regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM337 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM337 Datasheet HTML 3Page - STMicroelectronics LM337 Datasheet HTML 4Page - STMicroelectronics LM337 Datasheet HTML 5Page - STMicroelectronics LM337 Datasheet HTML 6Page - STMicroelectronics LM337 Datasheet HTML 7Page - STMicroelectronics LM337 Datasheet HTML 8Page - STMicroelectronics LM337 Datasheet HTML 9Page - STMicroelectronics LM337 Datasheet HTML 10Page - STMicroelectronics LM337 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM137 - LM337
Electrical characteristics
7/18
Table 5.
Electrical characteristics of LM337 (TJ = 0 to 150 °C unless otherwise specified).
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VREF
Reference voltage
Ta = 25°C
-1.213
-1.25
-1.287
V
|VI - VO| = 3 to 40 V, TJ = Tmin to Tmax
|IO| = 10mA to |IO(max)|, P ≤ Pmax
-1.2
-1.25
-1.3
KVI
Line regulation (2)
Ta = 25°C
|VI - VO| = 3 to 40 V
IO = 0.1 A
0.01
0.04
%/V
IO = 20 mA
0.01
0.04
KVO
Load regulation (2)
Ta = 25°C
|IO| = 10mA to |IO(max)|
|VO| ≤ 5 V
15
50
mV
|VO| ≥ 5 V
0.3
1
%
Thermal regulation
Ta = 25°C, pulse 10 ms
0.003
0.04
%/W
IADJ
Adjustment pin current
65
100
µA
ΔIADJ
Adjustment pin current
change
Ta = 25°C, |IO| = 10 mA to |IO(max)|
|VI - VO| = 3 to 40 V
25
µA
KVI
Line regulation (2)
|VI - VO| = 3 to 40 V
0.02
0.07
%/V
KVO
Load regulation (2)
|IO| = 10mA to |IO(max)|
|VO| ≤ 5 V
20
70
mV
|VO| ≥ 5 V
0.3
1.5
%
|IO(min)| Minimum load current
|VI - VO| ≤ 40 V
2.5
10
mA
|VI - VO| ≤ 10 V
1.5
6
IOS
Short circuit output current
|VI - VO| ≤ 15 V
1.5
2.2
A
|VI - VO| = 40 V, TJ =2 5°C
0.15
0.4
VNO
RMS output noise
(% of VO)
Ta = 25°C, f = 10 Hz to 10 kHz
0.003
%
RVF
Ripple rejection ratio
VO = -10 V, f = 120 Hz
60
dB
CADJ = 10 µF
66
77
KVT
Temperature stability
0.6
%
KVH
Long term stability
Ta = 125°C, 1000 H
0.3
1
%
1.
Although power dissipation is internally limited, these specifications are applicable for power dissipation of:
15 W for TO-220 and 20 W for TO-3 package; IO(max) is 1.5 A.
2.
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output
voltage due to heating effects are covered under the specification for thermal regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com