Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM338
Description  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM338 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM338 Datasheet HTML 3Page - STMicroelectronics LM338 Datasheet HTML 4Page - STMicroelectronics LM338 Datasheet HTML 5Page - STMicroelectronics LM338 Datasheet HTML 6Page - STMicroelectronics LM338 Datasheet HTML 7Page - STMicroelectronics LM338 Datasheet HTML 8Page - STMicroelectronics LM338 Datasheet HTML 9Page - STMicroelectronics LM338 Datasheet HTML 10Page - STMicroelectronics LM338 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM138 - LM238 - LM338
Electrical characteristics
7/23
Table 5.
Electrical characteristics for LM338 (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
KVI
Line regulation (2)
TA = 25°C, VI - VO = 3 to 35 V
0.005
0.03
%/V
KVO
Load regulation (2)
TA = 25°C
IO = 10 mA to 5 A
VO ≤ 5 V
5
25
mV
VO ≥ 5 V
0.1
0.5
%
Thermal regulation
Pulse = 20 ms
0.002
0.02
%/W
IADJ
Adjustment pin current
45
100
µA
ΔIADJ
Adjustment pin current
change
IL = 10 mA to 5 A, VI - VO = 3 to 35 V
0.2
5
µA
VREF
Reference voltage
VI - VO = 3 to 35 V, IO = 10 mA to 5 A
P
≤ 50 W
1.19
1.24
1.29
V
KVI
Line regulation (2)
VI - VO = 3 to 35 V
0.02
0.06
%/V
KVO
Load regulation (2)
IO = 10 mA to 5 A
VO ≤ 5 V
20
50
mV
VO ≥ 5 V
0.3
1
%
KVT
Temperature stability
TJ = TMIN to TMAX
1%
IO(MIN) Minimum load current
VI - VO ≤ 35 V
3.5
10
mA
IO(MAX) Current limit
VI - VO ≤ 10 V
DC
5
8
A
0.5 ms Peak
7
12
VI - VO = 30 V
1
VNO
RMS output noise (% of
VO)
Ta = 25°C, f = 10 Hz to 10 kHz
0.003
%
RVF
Ripple rejection ratio
VO = 10 V, f = 120 Hz
60
dB
CADJ = 10 µF
60
75
KVH
Long term stability
TA = 125°C
0.3
1
%
1.
(TJ = 0 to150 °C, VI - VO = 5 V, IO = 2.5 A. Although power dissipation is internally limited, these specifications apply to
power dissipation up to 50 W, unless otherwise specified)
2.
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects are taken into
account separately by thermal rejection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com